PART |
Description |
Maker |
1N4002 1N4006 1N4003 1N4007 1N4007FF 1N4007RL 1N40 |
Axial Lead Standard Recovery Rectifiers 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 (1N4001 - 1N4007) Axial Lead Standard Recovery Rectifiers 1A 400V Standard Rectifier 1A 800V Standard Rectifier 1A 200V Standard Rectifier 1A 100V Standard Rectifier 1A 600V Standard Rectifier
|
http:// ONSEMI[ON Semiconductor]
|
IRG4BC15UD-LPBF IRG4BC15UD-SPBF IRG4BC15UD-L IRG4B |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD
|
International Rectifier
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
150K60A |
Silicon Standard Recovery Diode
|
GeneSiC Semiconductor, Inc.
|
MSRTA30060AD MSRTA30060D |
Silicon Standard Recovery Diode
|
GeneSiC Semiconductor, Inc.
|
S150J S150JR S150K S150KR |
Silicon Standard Recovery Diode
|
GeneSiC Semiconductor, ...
|
S70QR |
Silicon Standard Recovery Diode
|
GeneSic
|
GKR13004 |
Silicon Standard Recovery Diode
|
GeneSiC Semiconductor, Inc.
|
3PM8 3PM0 3PM2 3PM4 3PM6 |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(杞村?寮??锛??灏??锛???????00V锛?钩??????娴?.5A,????㈠??存?浜??绠? AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.5A,标准恢复整流二极 Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.5A,标准恢复整流二极
|
SEMTECH[Semtech Corporation]
|
MSARS200S20LP MSARS200S20LRP |
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER 200 A, 200 V, SILICON, RECTIFIER DIODE HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER Standard Rectifier (trr more than 500ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N1200A 1N1200AR |
(1N1199A - 1N1206AR) Silicon Standard Recovery Diode
|
America Semiconductor
|